PART |
Description |
Maker |
K4D26323RA-GC |
1M x 32Bit x 4 Banks Double Data Rate Synchronous RAM with Bi-directional Data Strobe and DLL Data Sheet
|
Samsung Electronic
|
K7A803601A K7A801801A |
256Kx36Bit Synchronous Pipelined Burst SRAM Data Sheet 512Kx18-Bit Synchronous Pipelined Burst SRAM Data Sheet
|
Samsung Electronic
|
A63P0636E-4.2F A63P0636 A63P0636E A63P0636E-2.6 A6 |
1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output 100万米6位同步高的Burst计数器和流水线数据输出高速SRAM 1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output 100万米36位同步高的Burst计数器和流水线数据输出高速SRAM DIODE ZENER SINGLE 500mW 6Vz 20mA-Izt 0.05 5uA-Ir 3.5Vr DO35-GLASS 5K/REEL
|
AMIC Technology, Corp. AMIC Technology Corporation AMICC[AMIC Technology]
|
EM423M3284LBA-8FE EM424M3284LBA-75FE EM424M3284LBA |
512Mb (4MBank2) Double DATA RATE SDRAM 512Mb (4MBank32) Double DATA RATE SDRAM 512Mb (4M4Bank2) Double DATA RATE SDRAM
|
Electronic Theatre Controls, Inc.
|
W631GG6KB-15 W631GG6KB12A W631GG6KB12I W631GG6KB12 |
Double Data Rate architecture: two data transfers per clock cycle
|
Winbond
|
K4D263238M K4D263238M-QC45 K4D263238M-QC50 K4D2632 |
1M x 32Bit x 4 Banks Double Data Rate Synchronous RAM with Bi-directional Data Strobe and DLL
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
C1227 |
ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 30V的高压BiCMOS工艺1.2毫米双金双聚 From old datasheet system HV BiCMOS 1.2mm 30V Double Metal - Double Poly
|
IMP[IMP, Inc] IMP Inc
|
DDR110-56T7RL DDR110-XXT7RL DDR110-27T7RL |
10-LINE 56 ohm OTHER TERMINATOR, PDSO24 DOUBLE DATA RATE TERMINATION NETWORK WITH DISABLE SWITCH 双倍数据速率终端网络具有禁用开 DOUBLE DATA RATE TERMINATION NETWORK WITH DISABLE SWITCH
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HYI18T1G400BF-2.5 HYI18T1G400BF-2.5F HYI18T1G800BC |
1-Gbit Double-Data-Rate-Two SDRAM 256M X 4 DDR DRAM, 0.5 ns, PBGA68 1-Gbit Double-Data-Rate-Two SDRAM 256M X 4 DDR DRAM, 0.6 ns, PBGA68 1-Gbit Double-Data-Rate-Two SDRAM 256M X 4 DDR DRAM, 0.45 ns, PBGA68 1-Gbit Double-Data-Rate-Two SDRAM 64M X 16 DDR DRAM, 0.5 ns, PBGA84 1-Gbit Double-Data-Rate-Two SDRAM
|
Qimonda AG http://
|
EM44BM1684LBB-3F |
512Mb (8M隆驴4Bank隆驴16) Double DATA RATE 2 SDRAM 512Mb (8M×4Bank×16) Double DATA RATE 2 SDRAM
|
Eorex Corporation
|
EM42AM1684RTB EM42AM1684RTB-5F EM42AM1684RTB-6F |
256Mb (4M隆驴4Bank隆驴16) Double DATA RATE SDRAM 256Mb (4M×4Bank×16) Double DATA RATE SDRAM
|
Eorex Corporation
|
CY7C1382CV25-167AI CY7C1382CV25-200BZI CY7C1382CV2 |
512K x 36 pipelined SRAM, 167MHz 512K x 36/1M x 18 Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 3.4 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 3 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 3 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 3 ns, PBGA165 TRANS DARL PNP 100V 8A TO-220FP 1M X 18 CACHE SRAM, 3.4 ns, PQFP100 512K x 36 pipelined SRAM, 225MHz
|
Cypress Semiconductor, Corp.
|